PART |
Description |
Maker |
SMLE12EC6T SMLE12BC7T SMLE12BC7TT86 SMLE13BC8T SML |
SML-E1 Series EXCELEDTM series Compact, Thin size (1.6×0.8mm, t=0.36mm)
|
Rohm
|
RS-25 |
25W Single Output Swi tching Power Supply
|
Mean Well
|
SML-D13Y8W SML-D13P8W SML-D12D8W SML-D13D8W |
SML-D1 Series EXCELED
|
Rohm
|
280370-2 280372-1 280375-3 280370-1 280370-3 28037 |
AMPMODU II GEADER ASS, IES, STRAIGHT, SINGLE ROW
|
Tyco Electronics
|
2903118 |
Hybrid motor starter - ELR H5-IES-SC-SWD/500AC-9
|
PHOENIX CONTACT
|
IMP1233D IMP1810 IMP1811 IMP1812 IMP1815 IMP1816 I |
4.125V power reset RELAY 024VDC 01A DPDT-XX FORM:2C UC Bi-Lobe Standard Metal Shell Nano Offset Connector Low Power 5V/3.0V P Reset Low Power/ 5V/ P Reset Low Power, 5V, 楼矛P Reset Low Power 5V P Reset Low Power, 5V, P Reset Low Power, 5V, μP Reset 4.375V power reset
|
IMP INC. IMP Inc IMP[IMP, Inc] IMP[IMP Inc]
|
AT73C202 |
Power Management for Mobiles (PM) 2-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA49 The AT73C202 is a low-cost, ultra low-power, power and battery management IC designed to interface directly with state-of-the-art cellular phones, for example with 2.5G GSM phones. It includes all required power supplies tailored to be ful
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
RFS1006 PRFS-1006-0007 PRFS-1006-0008 PRFS-1006-00 |
3.4-3.6 GHz Power Amplifier 3400 MHz - 3600 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER 3.4-3.6 GHz Power Amplifier 3号至三月六日GHz功率放大 Single-band power amplifiers The RFS1006 power amplifier is a high-power, high-performance GaAs MESFET IC designed for use in a transmit applications in the 3.4-3.6 ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc]
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
STR-Y6753 STR-Y6763 STR-Y6754 STR-Y6735 STR-Y6700 |
Power IC for Quasi-Resonant Mode Switching Power Supplies with Low Standby Power
|
Sanken electric
|